| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA6477FS bảng dữ liệu(PDF) 10 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6477FS bảng dữ liệu(HTML) 10 Page - Rohm |
|
10 / 12 page ![]() 541 Motor driver ICs BA6477FS FOperation notes (1) Thermal shutdown circuit This circuit shuts down all the IC currents when the chip junction temperature is increased to about 175 _C (typi- cal). The thermal shutdown circuit is deactivated when the temperature drops to about 155 _C (typical). (2) Hall elements connection Hall elements can be connected in either series or paral- lel. When connecting in series, care must be taken not to allow the Hall output to exceed the Hall common-mode input range. (3) Hall input level Switching noise may occur if the Hall input voltage (pins 17 X22) is too high. Differential inputs of about 100mVP-P are recommended. (4) Driver ground pin (pin 14) Pin 14, which is the motor current ground pin, is not con- nected to the signal ground pin (pin 26). Design a proper conductor pattern in consideration of the motor current that flows through pin 14. (5) External clock Make sure that the pin7 voltage is always less than VCC and more than the ground voltage. |