| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA6407AF bảng dữ liệu(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6407AF bảng dữ liệu(HTML) 1 Page - Rohm |
|
1 / 6 page ![]() 700 Motor driver ICs 2-phase half-wave motor driver BA6407AF The BA6407AF is a motor driver dedicated to 12V fan motors. Built-in output transistors reduce the number of external components required. The IC has a lock signal output pin. FApplications Fan motors FFeatures 1) Lock detection and rotational speed sensing mecha- nisms are built in. 2) Compact SOP 8-pin package reduces the number of external components required. 3) Automatic restart when the motor lock is undone. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) |
Số phần tương tự - BA6407AF |
|
Mô tả tương tự - BA6407AF |