| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA6395AFP bảng dữ liệu(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6395AFP bảng dữ liệu(HTML) 1 Page - Rohm |
|
1 / 10 page ![]() 462 Optical disc ICs 5-channel BTL driver for CD players BA6395AFP The BA6395AFP is a 5-channel BTL driver for CD player motors and actuators. This IC has an internal 5V regulator, and is suited to a wide range of applications. FApplications CD players and CD-ROM drives FFeatures 1) Internal drivers for focus coils, tracking coils, spindle motors, feed motors and loading. (The loading and spindle motor output pins are dual-use output pins and are switched between drivers using a control in- put.) 2) HSOP 28-pin package allows for miniaturization of applications. 3) Low number of external components. 4) Driver gain is adjustable with a single attached resis- tor. 5) Internal 5V regulator. (requires attached PNP tran- sistor) 6) Internal thermal shutdown circuit. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) |
Số phần tương tự - BA6395AFP |
|
Mô tả tương tự - BA6395AFP |