| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA6392FP bảng dữ liệu(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6392FP bảng dữ liệu(HTML) 1 Page - Rohm |
|
1 / 8 page ![]() 324 Optical disc ICs 4-channel BTL driver for CD players BA6392FP The BA6392FP is a 4-channel BTL driver for CD player motors and actuators. It has an internal primary filter, and can be directly connected (without attached components) to the servo PWM output of all drivers other than the spindle driver. The BA6392FP is pin compatible with the BA6297AFP. FApplications CD players, CD-ROM drives FFeatures 1) HSOP 28-pin package allows for miniaturization of applications. 2) PWM input is filtered by the internal primary filter, eliminating the need for attached resistors and ca- pacitors, thereby helping reduce the number of com- ponents. Resistor and capacitor time constants can also be changed with attached components. 3) Internal thermal shutdown circuit. 4) Internal mute circuit. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) |
Số phần tương tự - BA6392FP |
|
Mô tả tương tự - BA6392FP |