| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA3571F bảng dữ liệu(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA3571F bảng dữ liệu(HTML) 1 Page - Rohm |
|
1 / 4 page ![]() BA3571F Audio ICs Headphone driver for portable CD players BA3571F The BA3571F is headphone drivers designed for portable CD players. An oscillation damper is not needed at the headphone output, minimizing external components. Includes a bass boost circuit which enables setting of the bass boost with external components. !Applications Portable CD players !Features 1) An external oscillation damper is not needed. 2) Includes a bass boost circuit making it possible to set the bass boost with attached components. ! ! ! !Absolute maximum ratings (Ta = 25 °C) Parameter Symbol Limits Unit Power supply voltage V Power dissipation Pd mW Operating temperature Topr ˚C Storage temperature Tstg ˚C *1 Reduced by 5.5mW for each increase in Ta of 1˚C over 25˚C. VCC 5.5 550 *1 -25~+75 -55~+125 ! ! ! !Recommended operating conditions (Ta = 25 °C) Parameter Symbol Min. Typ. Max. Unit Power supply voltage 2.0 - 5.5 V VCC |
Số phần tương tự - BA3571F |
|
Mô tả tương tự - BA3571F |