công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF2460 bảng dữ liệu(PDF) 7 Page - RF Micro Devices

tên linh kiện RF2460
Giải thích chi tiết về linh kiện  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 bảng dữ liệu(HTML) 7 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 3Page - RF Micro Devices RF2460 Datasheet HTML 4Page - RF Micro Devices RF2460 Datasheet HTML 5Page - RF Micro Devices RF2460 Datasheet HTML 6Page - RF Micro Devices RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices RF2460 Datasheet HTML 10Page - RF Micro Devices RF2460 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Preliminary
8-39
RF2460
Rev A7 010912
8
Output Interface Network of the Mixer
L1, C1, C2, and R form a current combiner which per-
forms a differential to single-ended conversion at the IF
frequency and sets the output impedance. In most
cases, the resonance frequency is independent of R
and can be set according to the following equation:
Where CEQ is the equivalent stray capacitance and
capacitance looking into pins 7 and 9. An average
value to use for CEQ is 2.5pF.
R can then be used to set the output impedance
according to the following equation:
where ROUT is the desired output impedance and RP is
the parasitic equivalent parallel resistance of L1.
C2 should first be set to 0 and C1 should be chosen as
high as possible (suggested less than 20pF), while
maintaining an RP of L1 that allows for the desired
ROUT. If the self-resonant frequencies of the selected
C1 produce unsatisfactory linearity performance, their
values may be reduced and compensated for by
including C2 capacitor with a value chosen to maintain
the desired FIF frequency.
L2 and C3 serve dual purposes. L2 serves as an out-
put bias choke, and C3 serves as a series DC block.
In addition, L2 and C3 may be chosen to form an
impedance matching network if the input impedance of
the IF filter is not equal to ROUT.Otherwise,L2ischo-
sen to be large (suggested 120nH) and C3 is chosen
to be large (suggested 22nF) if a DC path to ground is
present in the IF filter, or omitted if the filter is DC
blocked.
f
IF
1
L1
2
------ C
1
2C
2
C
EQ
++
()
2
π
-----------------------------------------------------------
=
R
1
4 R
OUT
---------------------
1
R
P
------
èø
æö 1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com