công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M1510-S-8-R3213-HB bảng dữ liệu(PDF) 2 Page - GSI Group, Inc.

tên linh kiện M1510-S-8-R3213-HB
Giải thích chi tiết về linh kiện  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROESYS [GSI Group, Inc.]
Trang chủ  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-S-8-R3213-HB bảng dữ liệu(HTML) 2 Page - GSI Group, Inc.

  M1510-S-8-R3213-HB Datasheet HTML 1Page - GSI Group, Inc. M1510-S-8-R3213-HB Datasheet HTML 2Page - GSI Group, Inc. M1510-S-8-R3213-HB Datasheet HTML 3Page - GSI Group, Inc. M1510-S-8-R3213-HB Datasheet HTML 4Page - GSI Group, Inc. M1510-S-8-R3213-HB Datasheet HTML 5Page - GSI Group, Inc. M1510-S-8-R3213-HB Datasheet HTML 6Page - GSI Group, Inc. M1510-S-8-R3213-HB Datasheet HTML 7Page - GSI Group, Inc. M1510-S-8-R3213-HB Datasheet HTML 8Page - GSI Group, Inc. M1510-S-8-R3213-HB Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2 of 9
Optional software lets you view signal
strength, Lissajous plots, position data
and diagnostics.
SmartPrecision™
Alignment Tool - SSAT 1500
Provides fast set up; the built-in
LED indicators make alignment
fast and easy, eliminating the
need for an oscilloscope.
The RS232 Interface Adapter
provides power to the encoder
and connections to a PC. This is
included with the Alignment Tool.
SmartPrecision™ Software
Encoder Sensor
Same for linear and
rotary scales.
Controller
Interface Cable
Optional Software
M1500H Encoder System
Standard Equipment
M1500H
RS-422 compatible
5 x 2 header
Micro-connector
M1500S Encoder System
Standard Equipment
System Configurations
Standard and Optional Equipment
M1500S
RS-422 compliant
15 pin standard
D-sub connector



Html Pages

1 2 3 4 5 6 7 8 9