| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M1000-M20-R3213-HB bảng dữ liệu(PDF) 6 Page - GSI Group, Inc. |
|
|
|||||||||||||||||||||||||||||
M1000-M20-R3213-HB bảng dữ liệu(HTML) 6 Page - GSI Group, Inc. |
|
6 / 6 page ![]() DS-M1000 Rev G © 2008 MicroE Systems Page 6 M Miic crro oE E S Syysstte em mss – World Headquarters: 125 Middlesex Turnpike • Bedford • MA 01730 www.microesys.com • info@microesys.com • T. [781]-266-5700 • F. [781]-266-5112 To specify your Mercury encoder with the desired scale, cable length and software, consult the chart below to create the correct part number for your order. Call MicroE Systems’ Rapid Customer Response team for more information [508] 903-5000. How to Order Mercury 1000 Encoder Systems All Specifications are subject to change. All data is accurate to the best of our knowledge. MicroE Systems is not responsible for errors. Scale Mounting For linear scales: T = Tape mounting C1 = 3 scale clamps* C2 = 10 scale clamps** Hubs for Rotary Scales: NH = Without Hub HE = for R1206 HA = for R1910 HB = for R3213 HC = for R5725 HD = for R10851 Scale Model Lxxx or Rxxxx - - Example (Linear Encoder): M1000-M05-L55-C1 Example (Rotary Encoder): M1000-M10-R1910-HA * 3 clamps for linear scales up to 130mm ** 10 clamps for linear scales 155mm or longer How to Order SmartPrecision Alignment How to Order SmartPrecision Software Example: Alignment Tool for Mercury 1000 encoder, 120 VAC = SSAT1000-120 SSAT1000 – Voltage 120 = 120 VAC, 60Hz US Std. 2-prong plug 220 = 220 VAC, 50Hz European Std. 2-prong plug SSWA-AT = SmartPrecision software on CD Required for M1000 setup Optional for SSAT1000 Alignment Tool SmartPrecision Software Key: inches[mm] Model No. Scale Outer Scale Inner Optical Hub Inner Hub Fundamental Diameter Diameter Diameter Diameter Thickness CPR +.0005/-0.0000 R1206 0.472 [12.00] 0.250 [6.35] 0.413 [10.50] 0.1253 [3.18] 0.040 [1.02] 1650 R1910 0.750 [19.05] 0.375 [9.52] 0.627 [15.92] 0.1253 [3.183] 0.040 [1.02] 2500 R3213 1.250 [31.75] 0.500 [12.70] 1.027 [26.08] 0.2503 [6.358] 0.050 [1.27] 4096 R5725 2.250 [57.15] 1.000 [25.40] 2.053 [52.15] 0.5003 [12.708] 0.060 [1.52] 8192 R10851 4.250 [107.95] 2.000 [50.80] 4.106 [104.30] 1.0003 [25.408] 0.080 [2.03] 16384 HUB I.D. OPTICAL DIAMETER SCALE O.D. HUB THICKNESS SCALE PATTERN MOUNTING HOLES Specifications Material Soda lime glass Typical CTE 8ppm/°C Standard Rotary Scales Custom scales available Cable Length M05 = 0.5 m M10 = 1.0 m M20 = 2.0 m M1000 - |