| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECOG2CP183D bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOG2CP183D bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 3 page ![]() Aluminium Electrolytic Capacitors/GUP Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. – EE189 – 400 450 (mm) (V) (µF) (A) (mm) (mm) Terminal Part No. Specification Dia. Length Case size Cap. (±20%) W.V. Ripple current (120Hz) (+85 °C) Pitch n Standard Products Yes No ( ):Mounting Clamp 6800 64 168 16.7 0.20 28.6 ECOG2VP682D( ) N F 77 125 16.4 0.20 31.8 ECOG2VP682E( ) N F 8200 64 222 18.5 0.20 28.6 ECOG2VP822D( ) N F 77 150 18.1 0.20 31.8 ECOG2VP822E( ) N F 10000 77 168 22.4 0.20 31.8 ECOG2VP103E( ) N F 350 90 125 19.3 0.20 31.8 ECOG2VP103F( ) N F 12000 77 190 26.1 0.20 31.8 ECOG2VP123E( ) N F 90 150 22.8 0.20 31.8 ECOG2VP123F( ) N F 15000 77 222 30.4 0.20 31.8 ECOG2VP153E( ) N F 90 190 28.6 0.20 31.8 ECOG2VP153F( ) N F 18000 90 222 33.6 0.20 31.8 ECOG2VP183F( ) N F 3300 64 103 9.5 0.20 28.6 ECOG2GP332D( ) N F 3900 64 125 11.0 0.20 28.6 ECOG2GP392D( ) N F 4700 64 145 13.1 0.20 28.6 ECOG2GP472D( ) N F 5600 64 168 15.1 0.20 28.6 ECOG2GP562D( ) N F 77 125 14.6 0.20 31.8 ECOG2GP562E( ) N F 6800 64 222 17.8 0.20 28.6 ECOG2GP682D( ) N F 77 150 17.4 0.20 31.8 ECOG2GP682E( ) N F 8200 77 168 20.3 0.20 31.8 ECOG2GP822E( ) N F 90 125 18.0 0.20 31.8 ECOG2GP822F( ) N F 10000 77 190 23.8 0.20 31.8 ECOG2GP103E( ) N F 90 150 21.5 0.20 31.8 ECOG2GP103F( ) N F 12000 77 222 27.0 0.20 31.8 ECOG2GP123E( ) N F 90 168 24.9 0.20 31.8 ECOG2GP123F( ) N F 15000 90 222 31.8 0.20 31.8 ECOG2GP153F( ) N F 2700 64 103 8.6 0.20 28.6 ECOG2WP272D( ) N F 3300 64 125 10.1 0.20 28.6 ECOG2WP332D( ) N F 3900 64 145 11.9 0.20 28.6 ECOG2WP392D( ) N F 4700 64 168 13.9 0.20 28.6 ECOG2WP472D( ) N F 77 125 13.4 0.20 31.8 ECOG2WP472E( ) N F 5600 64 222 16.1 0.20 28.6 ECOG2WP562D( ) N F 77 150 15.8 0.20 31.8 ECOG2WP562E( ) N F 6800 77 168 18.5 0.20 31.8 ECOG2WP682E( ) N F 90 125 17.1 0.20 31.8 ECOG2WP682F( ) N F 8200 77 190 21.6 0.20 31.8 ECOG2WP822E( ) N F 90 150 18.8 0.20 31.8 ECOG2WP822F( ) N F 10000 77 222 25.6 0.20 31.8 ECOG2WP103E( ) N F 90 168 22.0 0.20 31.8 ECOG2WP103F( ) N F 12000 90 222 27.5 0.20 31.8 ECOG2WP123F( ) N F D.F. (120Hz) (+20 °C) Endurance : 160 to 250V.W. : 85 °C 2000 h 350 to 450V.W. : 85 °C 5000 h Mar. 2005 |