| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMH6629SD bảng dữ liệu(PDF) 14 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMH6629SD bảng dữ liệu(HTML) 14 Page - National Semiconductor (TI) |
|
14 / 22 page ![]() 30068018 FIGURE 4. Non-Inverting Amplifier Configuration When driven from a 0 Ω source, such as the output of an op amp, the non-inverting input of the LMH6629 should be iso- lated with at least a 25 Ω series resistor. As seen in Figure 5, bias current cancellation is accomplished for the inverting configuration by placing a resistor (R b) on the non-inverting input equal in value to the resistance seen by the inverting input (R f || (Rg+Rs)). Rb should to be no less than 25 Ω for optimum LMH6629 performance. A shunt capacitor (not shown) can minimize the additional noise of R b. 30068019 FIGURE 5. Inverting Amplifier Configuration www.national.com 14 |