công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS403LF bảng dữ liệu(PDF) 50 Page - List of Unclassifed Manufacturers

tên linh kiện FS403LF
Giải thích chi tiết về linh kiện  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF bảng dữ liệu(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 46Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 47Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 48Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 49Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 50Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 51Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 52Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 53Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
50
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.23 Flicker Filter Coefficient
Flicker Filter Coefficient Low (2C)
7
6
5
4
3
2
1
0
0
0
0
FLK4
FLK3
FLK2
FLK1
FLK0
Flicker Filter Coefficient High (2D)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Register
Bit#
Bit Name
Description
2D, 2C
4-0
FLK4-0
Flicker Filter Coefficient bits [4:0] The Flicker Filter Coefficient
combines with the Sharpness Coefficient to provide a wide range
of edge enhancement and detail vs. flicker. The Flicker Filter
Coefficient controls the width and height of the edge
enhancement (impulse function). Flicker Filter has an implicit
denominator of 16.
Range: {0:[21]}
Filter Coefficients: FLK/64, 1-FLK/32, FLK/64
Example: FLK = 10 hex; 16 decimal; for a ¼, ½, ¼, three line average flicker filter.
FLK = 0 hex; 0 decimal; for 0, 1, 0, no flicker filter.
Note: If FLK is set to a value greater than 21, then the weight factor applied to the lines above and below
the current line are greater than the current line creating a double line effect. Therefore, values > 21 are
not recommended as they will create visual artifacts, but the FS400 does not prohibit these settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More