| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS403LF bảng dữ liệu(PDF) 101 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS403LF bảng dữ liệu(HTML) 101 Page - List of Unclassifed Manufacturers |
|
101 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 101 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 8. Mechanical Dimensions 8.1 100-Lead PQFP (KH) Package - FS401LF Package is RoHS Compliant. Symbol Millimeters Notes Min. Max. A 3.00 A1 0.05 - A2 2.55 2.75 B 0.25 0.40 3,5 C 0.10 0.25 5 D 23.60 24.20 D1 19.80 20.20 E 17.30 18.20 E1 13.80 14.20 e 0.65 BSC L 0.60 1.00 4 N 100 ND 30 NE 20 α 0 8 ° ccc - Notes: 1. All dimensions and tolerances conform to ANSI Y14.5M-1982. 2. Controlling Dimension is millimeters 3. Dimension “B” does not include dambar protrusion. Allowable dambar protrusion shall be .08mm (.003in.) maximum in excess of the “B” dimension. Dambar cannot be located on the lower radius or the foot. 4. “L” is the length of terminal for soldering to a substrate. 5. “b” & “C” include lead finish thickness. |