| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS401LF bảng dữ liệu(PDF) 38 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FS401LF bảng dữ liệu(HTML) 38 Page - List of Unclassifed Manufacturers |
|
38 / 104 page ![]() FS401, FS403 PRODUCT SPECIFICATION REV. NO. 1.7 38 JANUARY 24, 2007 COPYRIGHT © 1999 FOCUS ENHANCEMENTS, INC. 4.5.11 CRE – Command Register Extended Command Register Extended Low (14) 7 6 5 4 3 2 1 0 0 0 VGAINTDET VGAREFPOL VGACLKPOL FREEZE RGBGAIN ZOOM Command Register Extended High (15) 7 6 5 4 3 2 1 0 EVVCLR SVVCLR EHVCLR SHVCLR BIPTALL BIPGEN2 BIPGEN1 BIPGEN0 Register Bit# Bit Name Description 14 5 VGAINTDET 0: Ignore interlaced input 1: Detect interlaced input 14 4 VGAREFPOL (read only) 0 = VGA syncs reference polarity rising edge 1 = VGA syncs reference polarity falling edge 14 3 VGACLKPOL (read only) 0 = VGA clock reference polarity rising edge 1 = VGA clock reference polarity falling edge 14 2 FREEZE 0: Continuous update 1: Freeze frame 14 1 RGBGAIN 0: 1x input gain 1: 1.43 input gain 14 0 ZOOM 0: Zoom off 1: Zoom on 15 7 EVVCLR 0: run 1: clear EVV and re-detect 15 6 SVVCLR 0: run 1: clear SVV and re-detect 15 5 EHVCLR 0: run 1: clear EHV and re-detect 15 4 SHVCLR 0: run 1: clear SHV and re-detect 15 3 BIPTALL 0: Normal BIPGEN image size (512x512) 1: Tall BIPGEN image size (512x1024) 15 2-0 BIPGEN2-0 Built-in Pattern Generator: 000 = Disabled 001 = All Waveforms 010 = 100% Color Bars 011 = 75% Color Bars 100 = Cross Hatch 101 = Red Gradient 110 = Green Gradient 111 = Blue Gradient Notes: When ZOOM = 1, FLK and SHP registers are disabled, and IHAW should be reduced by ½. |