công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PACUSB-U3 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện PACUSB-U3
Giải thích chi tiết về linh kiện  Upstream USB Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSB-U3 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  PACUSB-U3 Datasheet HTML 1Page - ON Semiconductor PACUSB-U3 Datasheet HTML 2Page - ON Semiconductor PACUSB-U3 Datasheet HTML 3Page - ON Semiconductor PACUSB-U3 Datasheet HTML 4Page - ON Semiconductor PACUSB-U3 Datasheet HTML 5Page - ON Semiconductor PACUSB-U3 Datasheet HTML 6Page - ON Semiconductor PACUSB-U3 Datasheet HTML 7Page - ON Semiconductor PACUSB-U3 Datasheet HTML 8Page - ON Semiconductor PACUSB-U3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PACUSB-U1/U2/U3
Rev. 2 | Page 5 of 9 | www.onsemi.com
Application Information
The PACUSB-U1/U2/U3 is targeted for upstream USB ports (peripherals). It provides series termination, EMI
filtering, and ESD protection for the two USB data lines D+ and D-.
The USB Specification revision 1.1 provides for two data rates:
•
The Full Speed signaling bit rate at 12 Mbits per second, and
•
The Low Speed signaling bit rate at 1.5 Mbits per second.
The speed is selected by connecting one of the data lines (D+ or D-) to a 3.3V supply voltage via a 1.5k
Ω pull-
up resistor (R2).
Connections for Full Speed Operation
Full Speed devices have the pull-up resistor (R2) connected to the D+ data line, as shown in Full
Speed
Connection. Pin1 is tied to the D+ line of the USB controller. Pin 6 is connected to the D+ line on the USB
connector.
Connections for Low Speed Operation
Low Speed devices have the pull-up resistor (R2) connected to the D- data line, as shown in Low
Speed
Connection. Pin 1 is tied to the D- line of the USB controller; pin 6 is connected to the D- line on the USB
connector.
Figure 1. Full Speed Connection



Html Pages

1 2 3 4 5 6 7 8 9