công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PACUSB-D1 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện PACUSB-D1
Giải thích chi tiết về linh kiện  USB Downstream Port Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSB-D1 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button PACUSB-D1 Datasheet HTML 2Page - ON Semiconductor PACUSB-D1 Datasheet HTML 3Page - ON Semiconductor PACUSB-D1 Datasheet HTML 4Page - ON Semiconductor PACUSB-D1 Datasheet HTML 5Page - ON Semiconductor PACUSB-D1 Datasheet HTML 6Page - ON Semiconductor PACUSB-D1 Datasheet HTML 7Page - ON Semiconductor PACUSB-D1 Datasheet HTML 8Page - ON Semiconductor PACUSB-D1 Datasheet HTML 9Page - ON Semiconductor PACUSB-D1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PACUSB-D1/D2/D3
Rev. 2 | Page 7 of 10 | www.onsemi.com
Application Information
The PACUSB-D1/D2/D3 provides a complete interface for a single downstream USB port typically found in
computers and USB hubs. It integrates the series resistors (R1) and the 15k
Ω pull-down resistors (R2) for both
USB data lines (D+ and D-) as well as the capacitors to ground for EMI suppression. Zener diodes provide ESD
protection up to 15kV contact discharge per the IEC 61000-4-2 standard and protect the USB controller on both
data lines.
The PACUSB-D1/D2/D3 should be placed on the PCB between the USB controller and the USB connector, as
shown on the Connection Diagram, Figure 5.
Figure 5. Connection Diagram for PACUSB-D1/D2/D3 Devices
To guarantee the best ESD and filtering performance, it is recommended to physically locate the PACUSB-
D1/D2/D3 close to the USB connector. Also, the trace lengths between the PACUSB-D1/D2/D3 and the USB
controller should be kept as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10