công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP3SL340 bảng dữ liệu(PDF) 20 Page - Altera Corporation

tên linh kiện EP3SL340
Giải thích chi tiết về linh kiện  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 bảng dữ liệu(HTML) 20 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 16Page - Altera Corporation EP3SL340 Datasheet HTML 17Page - Altera Corporation EP3SL340 Datasheet HTML 18Page - Altera Corporation EP3SL340 Datasheet HTML 19Page - Altera Corporation EP3SL340 Datasheet HTML 20Page - Altera Corporation EP3SL340 Datasheet HTML 21Page - Altera Corporation EP3SL340 Datasheet HTML 22Page - Altera Corporation EP3SL340 Datasheet HTML 23Page - Altera Corporation EP3SL340 Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 341 page
background image
1–10
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Electrical Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Refer to the figure in “Single-Ended Voltage Referenced I/O Standard” in the
“Glossary” on page 1–326 for voltage referenced receiver input waveform and
explanation of terms used in Table 1–14.
Table 1–14. Single-Ended SSTL and HSTL I/O Reference Voltage Specifications
I/O
Standard
V
CCIO (V)
V
REF (V)
V
TT (V)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SSTL-2
CLASS I, II
2.375
2.5
2.625
0.49 * V
CCIO
0.5 * V
CCIO
0.51 * V
CCIO
V
REF - 0.04
V
REF
V
REF + 0.04
SSTL-18
CLASS I, II
1.71
1.8
1.89
0.833
0.9
0.969
V
REF - 0.04
V
REF
V
REF + 0.04
SSTL-15
CLASS I, II
1.425
1.5
1.575
0.47 * V
CCIO
0.5 * V
CCIO
0.53 * V
CCIO
0.47 * V
CCIO
V
REF
0.53 * V
CCIO
HSTL-18
CLASS I, II
1.71
1.8
1.89
0.85
0.9
0.95
—
V
CCIO/2
—
HSTL-15
CLASS I, II
1.425
1.5
1.575
0.68
0.75
0.9
—
V
CCIO/2
—
HSTL-12
CLASS I, II
1.14
1.2
1.26
0.47 * V
CCIO
0.5 * V
CCIO
0.53 * V
CCIO
—
V
CCIO/2
—
Table 1–15. Single-Ended SSTL and HSTL I/O Standards Signal Specifications (Note 1) (Part 1 of 2)
I/O
Standard
V
IL(DC) (V)
V
IH(DC) (V)
V
IL(AC) (V)
V
IH(AC) (V)
V
OL (V)
V
OH (V)
IOL
(mA)
I
OH
(mA)
Min
Max
Min
Max
Max
Min
Max
Min
SSTL-2
CLASS I
-0.3
V
REF - 0.15
V
REF +0.15
V
CCIO + 0.3
V
REF - 0.31
V
REF + 0.31
VTT - 0.57
VTT + 0.57
8.1
-8.1
SSTL-2
CLASS II
-0.3
V
REF - 0.15
V
REF +0.15
V
CCIO + 0.3
V
REF - 0.31
V
REF + 0.31
VTT - 0.76
VTT + 0.76
16.2
-16.2
SSTL-18
CLASS I
-0.3
V
REF -0.125
V
REF +0.125
V
CCIO + 0.3
V
REF -0.25
V
REF + 0.25
VTT -
0.475
VTT +
0.475
6.7
-6.7
SSTL-18
CLASS II
-0.3
V
REF -0.125
V
REF +0.125
V
CCIO + 0.3
V
REF -0.25
V
REF + 0.25
0.28
V
CCIO - 0.28
13.4
-13.4
SSTL-15
CLASS I
-0.3
V
REF -0.1
V
REF +0.1
V
CCIO + 0.3
V
REF -0.175
V
REF + 0.175
0.2 * V
CCIO
0.8 * V
CCIO
8-8
SSTL-15
CLASS II
-0.3
V
REF -0.1
V
REF +0.1
V
CCIO + 0.3
V
REF -0.175
V
REF + 0.175
0.2 * V
CCIO
0.8 * V
CCIO
16
-16
HSTL-18
CLASS I
-0.3
V
REF -0.1
V
REF +0.1
V
CCIO + 0.3
V
REF -0.2
V
REF + 0.2
0.4
V
CCIO - 0.4
8-8
HSTL-18
CLASS II
-0.3
V
REF -0.1
V
REF +0.1
V
CCIO + 0.3
V
REF -0.2
V
REF + 0.2
0.4
V
CCIO - 0.4
16
-16
HSTL-15
CLASS I
-0.3
V
REF -0.1
V
REF +0.1
V
CCIO + 0.3
V
REF -0.2
V
REF + 0.2
0.4
V
CCIO - 0.4
8-8
HSTL-15
CLASS II
-0.3
V
REF -0.1
V
REF +0.1
V
CCIO + 0.3
V
REF -0.2
V
REF + 0.2
0.4
V
CCIO - 0.4
16
-16
HSTL-12
CLASS I
-0.15
V
REF -0.08
V
REF +0.08
V
CCIO + 0.15
V
REF -0.15
V
REF + 0.15
0.25* V
CCIO
0.75 * V
CCIO
8-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More