công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB3210 bảng dữ liệu(PDF) 37 Page - Texas Instruments

tên linh kiện TUSB3210
Giải thích chi tiết về linh kiện  Universal Serial Bus General-Purpose Device Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 bảng dữ liệu(HTML) 37 Page - Texas Instruments

Back Button TUSB3210_1 Datasheet HTML 33Page - Texas Instruments TUSB3210_1 Datasheet HTML 34Page - Texas Instruments TUSB3210_1 Datasheet HTML 35Page - Texas Instruments TUSB3210_1 Datasheet HTML 36Page - Texas Instruments TUSB3210_1 Datasheet HTML 37Page - Texas Instruments TUSB3210_1 Datasheet HTML 38Page - Texas Instruments TUSB3210_1 Datasheet HTML 39Page - Texas Instruments TUSB3210_1 Datasheet HTML 40Page - Texas Instruments TUSB3210_1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
www.ti.com
2.11.4 Write Operation (Serial EEPROM)
2.11.5 Page Write Operation
TUSB3210
Universal Serial Bus
General-Purpose Device Controller
SLLS466F – FEBRUARY 2001 – REVISED AUGUST 2007
d.
The MCU reads the I2CDAI register, clearing the RXF bit (I2CSTA[RXF] = 0).
The byte write operation involves three phases: 1) device address + EEPROM [high byte] phase, 2)
EEPROM [low byte] phase, and 3) EEPROM [DATA]. The following describes the sequence of events to
accomplish the byte write transaction:
Device Address + EEPROM [High Byte]
1. The MCU sets I2CSTA[SWR] = 0. This prevents the I2C controller from generating a stop condition
after the content of the I2CDAO register is transmitted.
2. The MCU writes the device address (R/W bit = 0) to the I2CADR register (write operation).
3. The MCU writes the high byte of the EEPROM address into the I2CDAO register, starting the transfer
on the SDA line.
4. The TXE bit in I2CSTA is cleared, indicating busy.
5. The content of the I2CADR register is transmitted to the device (preceded by a start condition on
SDA).
6. The content of the I2CDAO register is transmitted to the device (EEPROM high-address).
7. The TXE bit in I2CSTA is set and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
EEPROM [Low Byte]
1. The MCU writes the low byte of the EEPROM address into the I2CDAO register.
2. The TXE bit in I2CSTA is cleared, indicating busy.
3. The content of the I2CDAO register is transmitted to the device (EEPROM address).
4. The TXE bit in I2CSTA is set and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
EEPROM [DATA]
1. The MCU sets I2CSTA[SWR] = 1. This forces the I2C controller to generate a stop condition after the
content of the I2CDAO register is transmitted.
2. The MCU writes the DATA to be written to the EEPROM into the I2CDAO register.
3. The TXE bit in I2CSTA is cleared, indicating busy.
4. The content of the I2CDAO register is transmitted to the device (EEPROM data).
5. The TXE bit in I2CSTA is set and interrupts the MCU, indicating that the I2CDAO register has been
transmitted.
6. The I2C controller generates a stop condition after the content of the I2CDAO register is transmitted.
The page write operation is initiated the same way as byte write, with the exception that a stop condition is
not generated after the first EEPROM [DATA] is transmitted. The following describes the sequence of
writing 32 bytes in page mode:
Submit Documentation Feedback
Functional Description
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com