| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TRS3318CPWR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TRS3318CPWR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 17 page ![]() www.ti.com TRS3318 2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION SLLS820 – AUGUST 2007 ORDERING INFORMATION TA PACKAGE(1)(2) ORDERABLE PART NUMBER TOP-SIDE MARKING Tube of 70 TRS3318CDB SSOP – DB RV18C Reel of 2000 TRS3318CDBR 0 °C to 70°C Tube of 70 TRS3318CPW TSSOP – PW RV18C Reel of 2000 TRS3318CPWR Tube of 70 TRS3318IDB SSOP – DB RV18I Reel of 2000 TRS3318IDBR –40 °C to 85°C Tube of 70 TRS3318IPW TSSOP – PW RV18I Reel of 2000 TRS3318IPWR (1) Package drawings,thermal data, and symbolization are available at www.ti.com/packaging. (2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. FUNCTION TABLE(1) INPUT CONDITIONS OUTPUT STATES VALID RECEIVER OPERATING RS-232 OR DRIVER MODE FORCEON FORCEOFF LEVEL DRIVER RECEIVER INVALID READY EDGE PRESENT AT WITHIN 30 s RECEIVER Auto-Powerdown Plus Conditions Normal operation, H H No No Active Active L H auto-powerdown plus disabled Normal operation, H H No Yes Active Active H H auto-powerdown plus disabled Normal operation, L H Yes No Active Active L H auto-powerdown plus enabled Normal operation, L H Yes Yes Active Active H H auto-powerdown plus enabled Power down, L H No No Z Active L L auto-powerdown plus enabled Power down, L H No Yes Z Active H L auto-powerdown plus enabled Manual power X L X No Z Active L L down Manual power X L X Yes Z Active H L down Auto-Powerdown Conditions Power down, INVALID INVALID X No Z Active L L auto-powerdown enabled Normal operation, INVALID INVALID X Yes Active Active H H auto-powerdown enabled (1) H = high level, L = low level, X = irrelevant, Z = high impedance 2 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): TRS3318 |