| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV341AIDBVR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV341AIDBVR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 34 page ![]() TLV341, TLV342, TLV342S, TLV344 LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information The TLV341, TLV342, and TLV344 are single, dual, and quad CMOS operational amplifiers, respectively, with low-voltage, low-power, and rail-to-rail output swing capabilities. The PMOS input stage offers an ultra-low input bias current of 1 pA (typ) and an offset voltage of 0.3 mV (typ). For applications requiring excellent dc precision, the A grade (TLV34xA) has a low offset voltage of 1.25 mV (max) at 25 °C. These single-supply amplifiers are designed specifically for ultra-low-voltage (1.5-V to 5-V) operation, with a common-mode input voltage range that typically extends from −0.2 V to 0.5 V from the positive supply rail. Additional features include 20-nV/ √Hz voltage noise at 10 kHz, 2.3-MHz unity-gain bandwidth, and 0.9-V/ µs slew rate. The TLV341 (single) and TLV342 (dual) in the RUG package also offer a shutdown (SHDN) pin that can be used to disable the device. In shutdown mode, the supply current is reduced to 45 pA (typ). Offered in both the SOT-23 and smaller SC-70 packages, the TLV341 is suitable for the most space-constrained applications. The dual TLV342 is offered in the standard SOIC, MSOP, and QFN packages. An extended industrial temperature range from −40 °C to 125°C makes the TLV34x suitable in a wide variety of commercial and industrial applications. |