| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA5532ADE4 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SA5532ADE4 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
|
1 / 14 page ![]() 1 FEATURES 1 2 3 4 5 6 7 8 2IN+ 2IN– 2OUT V CC+ V CC– 1IN+ 1IN– 1OUT NE5532, NE5532A . . . D, P, OR PS PACKAGE SA5532, SA5532A . . . D OR P PACKAGE (TOP VIEW) DESCRIPTION/ORDERING INFORMATION NE5532, NE5532A SA5532, SA5532A www.ti.com................................................................................................................................................... SLOS075I – NOVEMBER 1979 – REVISED APRIL 2009 DUAL LOW-NOISE OPERATIONAL AMPLIFIERS • Equivalent Input Noise Voltage: 5 nV/ √Hz Typ at 1 kHz • Unity-Gain Bandwidth: 10 MHz Typ • Common-Mode Rejection Ratio: 100 dB Typ • High DC Voltage Gain: 100 V/mV Typ • Peak-to-Peak Output Voltage Swing 26 V Typ With VCC± = ±15 V and RL = 600 Ω • High Slew Rate: 9 V/µs Typ The NE5532, NE5532A, SA5532, and SA5532A are high-performance operational amplifiers combining excellent dc and ac characteristics. They feature very low noise, high output-drive capability, high unity-gain and maximum-output-swing bandwidths, low distortion, high slew rate, input-protection diodes, and output short-circuit protection. These operational amplifiers are compensated internally for unity-gain operation. These devices have specified maximum limits for equivalent input noise voltage. ORDERING INFORMATION(1) TA PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING NE5532P NE5532P PDIP – P Tube of 50 NE5532AP NE5532AP Tube of 75 NE5532D N5532 Reel of 2500 NE5532DR 0°C to 70°C SOIC – D Tube of 75 NE5532AD N5532A Reel of 2500 NE5532ADR NE5532PSR N5532 SOP – PS Reel of 2000 NE5532APSR N5532A SA5532P SA5532P PDIP – P Tube of 50 SA5532AP SA5532AP Tube of 75 SA5532D –40°C to 85°C SA5532 Reel of 2500 SA5532DR SOIC – D Tube of 75 SA5532AD SA5532A Reel of 2500 SA5532ADR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 1979–2009, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - SA5532ADE4 |
|
Mô tả tương tự - SA5532ADE4 |