| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC125ADBLE bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC125ADBLE bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 17 page ![]() www.ti.com 1 1OE 2 1A 1Y 3 4 2OE 5 2A 2Y 6 10 3OE 9 3A 3Y 8 13 4OE 12 4A 4Y 11 Absolute Maximum Ratings (1) SN74LVC125A QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS SCAS290O – JANUARY 1993 – REVISED AUGUST 2005 FUNCTION TABLE (EACH BUFFER) INPUTS OUTPUT Y OE A L H H L L L H X Z LOGIC DIAGRAM (POSITIVE LOGIC) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 6.5 V VI Input voltage range(2) –0.5 6.5 V VO Output voltage range(2)(3) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±50 mA Continuous current through VCC or GND ±100 mA D package(4) 86 DB package(4) 96 θ JA Package thermal impedance NS package(4) 76 °C/W PW package(4) 113 RGY package(5) 47 Tstg Storage temperature range –65 150 °C Ptot Power dissipation TA = –40°C to 125°C(6)(7) 500 mW (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. (3) The value of VCC is provided in the recommended operating conditions table. (4) The package thermal impedance is calculated in accordance with JESD 51-7. (5) The package thermal impedance is calculated in accordance with JESD 51-5. (6) For the D package: above 70 °C, the value of P tot derates linearly with 8 mW/K. (7) For the DB, NS, and PW packages: above 60 °C, the value of P tot derates linearly with 5.5 mW/K. 2 |