công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CU3225K14AUTOG2 bảng dữ liệu(PDF) 13 Page - EPCOS

tên linh kiện CU3225K14AUTOG2
Giải thích chi tiết về linh kiện  Ceramic transient voltage suppressors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EPCOS [EPCOS]
Trang chủ  http://www.epcos.com
Logo EPCOS - EPCOS

CU3225K14AUTOG2 bảng dữ liệu(HTML) 13 Page - EPCOS

Back Button CU3225K14AUTOG2 Datasheet HTML 9Page - EPCOS CU3225K14AUTOG2 Datasheet HTML 10Page - EPCOS CU3225K14AUTOG2 Datasheet HTML 11Page - EPCOS CU3225K14AUTOG2 Datasheet HTML 12Page - EPCOS CU3225K14AUTOG2 Datasheet HTML 13Page - EPCOS CU3225K14AUTOG2 Datasheet HTML 14Page - EPCOS CU3225K14AUTOG2 Datasheet HTML 15Page - EPCOS CU3225K14AUTOG2 Datasheet HTML 16Page - EPCOS CU3225K14AUTOG2 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Soldering directions
1
Terminations
1.1
Nickel barrier termination
The nickel barrier layer of the silver/nickel/tin termination prevents leaching of the silver base met-
allization layer. This allows great flexibility in the selection of soldering parameters. The tin pre-
vents the nickel layer from oxidizing and thus ensures better wetting by the solder. The nickel bar-
rier termination is suitable for all commonly-used soldering methods.
Multilayer CTVS: Structure of nickel barrier termination
1.2
Silver-palladium termination
Silver-palladium terminations are used for the large case sizes 1812 and 2220 and for chips in-
tended for conductive adhesion. This metallization improves the resistance of large chips to ther-
mal shock.
In case of conductive adhesion, the silver-palladium metallization reduces susceptibility to corro-
sion. Silver-palladium termination can be used for smaller case sizes (only chip) for hybrid appli-
cations as well. The silver-palladium termination is not approved for lead-free soldering.
Multilayer varistor: Structure of silver-palladium termination
SMD disk varistors (CU varistors)
Automotive series
Page 13 of 28
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28