| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FI-TD44SB-LE-R1500 bảng dữ liệu(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
FI-TD44SB-LE-R1500 bảng dữ liệu(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd. |
|
1 / 4 page ![]() COMPONENTS PRODUCT INFORMATION CONNECTOR NEW 1/4 MB-0141-2 July 2006 JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd. No. of contacts :44 pos. Contact resistance: 70m ohm max. Dielectric withstanding voltage: 500Vr.m.s per minute Operating temperature: -40 Deg. C to +85 Deg. C Rated current: 0.5A /1pin Lifetime: 30 times Applicable cable: Contact No. 1 to 17 Discrete (AWG #40) or Coaxial (AWG #40) Contact No. 18 to 44 Twin-Coaxial (AWG #32) Features FI-D Series Board to Cable Connector Compatible to High Speed Differential Transmission General Specifications Ground condition is reinforced to improve EMI characteristics. Soldering connection of plug side is possible at once. (compatible to twin coaxial and discrete cable) Height variations for receptacle, can be selected from 4 heights. Mating height: 4.40mm, 7.35mm, 8.50mm, and 9.35 mm The FI-D series are high speed differential transmission connectors for LCD panel. RoHS Compliant |
Số phần tương tự - FI-TD44SB-LE-R1500 |
|
Mô tả tương tự - FI-TD44SB-LE-R1500 |