công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPD4E004DRYR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPD4E004DRYR
Giải thích chi tiết về linh kiện  4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPD4E004DRYR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TPD4E004DRYR Datasheet HTML 1Page - Texas Instruments TPD4E004DRYR Datasheet HTML 2Page - Texas Instruments TPD4E004DRYR Datasheet HTML 3Page - Texas Instruments TPD4E004DRYR Datasheet HTML 4Page - Texas Instruments TPD4E004DRYR Datasheet HTML 5Page - Texas Instruments TPD4E004DRYR Datasheet HTML 6Page - Texas Instruments TPD4E004DRYR Datasheet HTML 7Page - Texas Instruments TPD4E004DRYR Datasheet HTML 8Page - Texas Instruments TPD4E004DRYR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
IO3
IO4
GND
IO2
IO1
V
CC
ABSOLUTE MAXIMUM RATINGS
(1)
TPD4E004
4-CHANNEL ESD-PROTECTION ARRAY
FOR HIGH-SPEED DATA INTERFACES
SLVS729A – FEBRUARY 2008 – REVISED FEBRUARY 2008
PIN DESCRIPTION
TERMINAL
DESCRIPTION
NAME
NO.
GND
3
Ground
IOx
1,2,4,5
ESD-protected channel
VCC
6
Power-supply input
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
5.5
V
VIO
Input/output voltage range
–0.3
VCC + 0.3
V
Tstg
Storage temperature range
–65
150
°C
TJ
Junction temperature
150
°C
Infrared (15 s)
220
Bump temperature (soldering)
°C
Vapor phase (60 s)
215
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPD4E004



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com