công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R48G12 bảng dữ liệu(PDF) 2 Page - Recom International Power

tên linh kiện R48G12
Giải thích chi tiết về linh kiện  EUROLINE - DC/DC - CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

R48G12 bảng dữ liệu(HTML) 2 Page - Recom International Power

  R48G12 Datasheet HTML 1Page - Recom International Power R48G12 Datasheet HTML 2Page - Recom International Power R48G12 Datasheet HTML 3Page - Recom International Power R48G12 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.recom-international.com
EU 17
Absolute Maximum Ratings
Input Voltage V
IN
5V types
7V typ.
12V types
15V typ.
24V types
24V typ.
48V types
48V typ.
Short Circuit Duration1)
1s
Internal Power Dissipation
560mW
Lead Temperature (1.5 mm from case for 10 seconds)
300 °C
1). Supply voltage must be discontinued at the end of the short circuit duration.
Input Voltage Range VIN (continuous operation)
5V input types
4.5VDC min./ 5.5VDC max.
12V input types
10.8VDC min./ 13.2VDC max.
24V input types
28VDC max.
48V input types
54VDC max.
Reflected Ripple Current (depending on the type)
20 mA p-p min. to 40 mA p-p max.
Voltage Set Point Accuracy
See Tolerance Envelope
Line Regulation
1.0% / 1.2% of V
IN
Load Voltage Regulation (10% load to 100% full load)
single output types
6.7% min. / 15% max.
dual output types
6.8% min. / 10% max.
Ripple & Noise (20MHz band limited)
single output types
32mVp-p min. / 80mVp-p max.
dual output types
24mVp-p min. / 40mVp-p max.
Isolation Voltage (for 1 minute)
3000VDC min.
Test Voltage (50Hz, 10 seconds)
3000 Vpk min.
Resistance (Viso = 1000V)
10 GΩ typ.
Switching Frequency at Full Load (depending on the type)
VIN 5V output types
120kHz min. / 135kHz max.
VIN 12V output types
150kHz min. / 170kHz max.
VIN 24V output types
150kHz max.
VIN 48V output types
150kHz max.
Package Weight
2.11 g
Operating Temperature Range (all output types)
–40°C min. to +85°C max. (see graph)
Storage Temperature Range
–50°C min. +125°C max.
Case Temperature Above Ambient (depending on the type)
5V output types
+28°C max.
all other output types
+25°C max.
MTTF 1) (depending on the type)
–40°C, single output types
303kHrs min. / 2938kHrs max.
+25°C, single output types
252kHrs min. / 2414kHrs max.
+85°C, single output types
212kHrs min. / 1961kHrs max.
–40°C, dual output types
185kHrs min. / 2068kHrs max.
+25°C, dual output types
154kHrs min. / 1697kHrs max.
+85°C, dual output types
130kHrs min. / 1368kHrs max.
1). Calculated using MIL-HDBK-217F with nominal input voltage at full load.
Please contact us, if you need exact parameters for the converter you have selected.
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
EUROLINE - DC/DC-Converter
RxxG/H and RxxJ/K Series, 1 Watt, DIP14/SIP7, 3kVDC Isolated (Single & Dual Output)



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com