| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL2575HV bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL2575HV bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 29 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 12-Jul-2010 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/ Ball Finish MSL Peak Temp (3) Samples (Requires Login) TL2575-05IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR Request Free Samples TL2575-05IKTTRG3 ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR Request Free Samples TL2575-05IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type Request Free Samples TL2575-05IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type Request Free Samples TL2575-05INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type Request Free Samples TL2575-12IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR Request Free Samples TL2575-12IKTTRG3 ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR Request Free Samples TL2575-12IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type Request Free Samples TL2575-12IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type Request Free Samples TL2575-12INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type Request Free Samples TL2575-15IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR Request Free Samples TL2575-15IKTTRG3 ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR Request Free Samples TL2575-15IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type Request Free Samples TL2575-15IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type Request Free Samples TL2575-15INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type Request Free Samples TL2575-33IKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR Request Free Samples TL2575-33IKTTRG3 ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR Request Free Samples TL2575-33IKV ACTIVE TO-220 KV 5 50 Pb-Free (RoHS) CU SN N / A for Pkg Type Request Free Samples TL2575-33IN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type Request Free Samples TL2575-33INE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPD N / A for Pkg Type Request Free Samples TL2575-ADJIKTTR ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR Request Free Samples TL2575-ADJIKTTRG3 ACTIVE DDPAK/ TO-263 KTT 5 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR Request Free Samples |