| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9952GXP bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9952GXP bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 68 page ![]() L9952GXP SPI control and status registers Doc ID 13518 Rev 5 63/68 1 0 VBat-standby, a readout is not possible, as V1 is off 1 1 Flash Mode Table 59. Configuration bit Rx, WDx, TRIG, SHT_GND, SHT_BAT and DOM_TXD Name Definition, function R2 R1 R0 Number of unsuccessfully restarts after thermal shutdown WD3 WD2 WD1 WD0 Number of Watchdog time-outs (1) 1. Bits are cleared at every valid WD trigger or when forced sleep mode is entered (after 15 WD failures have been detected) TRIG Status of the Trigger bit from Control Register 0 SHT_GND LIN Short to ground SHT_BAT LIN Short to battery DOM_TXD Dominant TXT RES Reserved Table 58. Configuration bit STx (continued) Name Mode |