| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431BCLP bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BCLP bảng dữ liệu(HTML) 1 Page - Texas Instruments |
|
1 / 75 page ![]() 1 2 3 4 8 7 6 5 CATHODE ANODE ANODE NC REF ANODE ANODE NC TL431, TL431A, TL431B . . . D (SOIC) PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 CATHODE NC NC NC REF NC ANODE NC TL431, TL431A, TL431B . . . P (PDIP), PS (SOP), OR PW (TSSOP) PACKAGE (TOP VIEW) NC − No internal connection TL431, TL431A, TL431B . . . DBV (SOT-23-5) PACKAGE (TOP VIEW) 1 2 3 5 4 NC † CATHODE ANODE REF TL431, TL431A, TL431B . . . PK (SOT-89) PACKAGE (TOP VIEW) REF ANODE CATHODE † Pin 2 is attached to Substrate and must be connected to ANODE or left open. NC − No internal connection TL432, TL432A, TL432B . . . DBV (SOT-23-5) PACKAGE (TOP VIEW) 1 2 3 5 4 NC ANODE NC REF CATHODE NC − No internal connection TL431, TL431A, TL431B . . . DBZ (SOT-23-3) PACKAGE (TOP VIEW) TL432, TL432A, TL432B . . . DBZ (SOT-23-3) PACKAGE (TOP VIEW) NC − No internal connection 1 2 3 REF CATHODE ANODE 1 2 3 CATHODE REF ANODE TL432, TL432A, TL432B . . . PK (SOT-89) PACKAGE (TOP VIEW) REF ANODE CATHODE TL431, TL431A, TL431B TL432, TL432A, TL432B www.ti.com SLVS543K – AUGUST 2004 – REVISED JUNE 2010 PRECISION PROGRAMMABLE REFERENCE Check for Samples: TL431, TL431A, TL431B, TL432, TL432A, TL432B 1 FEATURES • Operation From −40°C to 125°C • Typical Temperature Drift (TL431B) • Reference Voltage Tolerance at 25°C – 6 mV (C Temp) – 0.5% . . . B Grade – 14 mV (I Temp, Q Temp) – 1%. . . A Grade • Low Output Noise – 2% . . . Standard Grade • 0.2- Ω Typical Output Impedance • Sink-Current Capability . . . 1 mA to 100 mA • Adjustable Output Voltage . . . Vref to 36 V 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2004–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - TL431BCLP |
|
Mô tả tương tự - TL431BCLP |