| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NLSX5014 bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NLSX5014 bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
|
4 / 14 page ![]() NLSX5014 http://onsemi.com 4 MAXIMUM RATINGS Symbol Parameter Value Condition Unit VCC High−side DC Supply Voltage −0.5 to +5.5 V VL Low−side DC Supply Voltage −0.5 to +5.5 V I/O VCC VCC−Referenced DC Input/Output Voltage −0.5 to +5.5 V I/O VL VL−Referenced DC Input/Output Voltage −0.5 to +5.5 V VI Enable Control Pin DC Input Voltage −0.5 to +5.5 V IIK DC Input Diode Current −50 VI < GND mA IOK DC Output Diode Current −50 VO < GND mA ICC DC Supply Current Through VCC $100 mA IL DC Supply Current Through VL $100 mA IGND DC Ground Current Through Ground Pin $100 mA TSTG Storage Temperature −65 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VCC High−side Positive DC Supply Voltage 0.9 4.5 V VL Low−side Positive DC Supply Voltage 0.9 4.5 V VI Enable Control Pin Voltage GND 4.5 V VIO Bus Input/Output Voltage I/O VCC I/O VL GND GND 4.5 4.5 V TA Operating Temperature Range −55 +125 °C Dt/DV Input Transition Rise or Rate VI, VIO from 30% to 70% of VCC; VCC = 3.3 V $ 0.3 V 0 10 ns |