| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL317CPWRG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL317CPWRG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 17 page ![]() TL317 3TERMINAL ADJUSTABLE REGULATOR SLVS004G − APRIL 1979 − REVISED SEPTEMBER 2009 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION TJ PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING SOIC (D) Tube of 75 TL317CD TL317C SOIC (D) Reel of 2500 TL317CDR TL317C 0 °C to 125°C TO-226 / TO-92 (LP) Bulk of 1000 TL317CLP TL317C 0 °C to 125°C TO-226 / TO-92 (LP) Reel of 2000 TL317CLPR TL317C TSSOP (PW) Tube of 150 TL317CPW T317 TSSOP (PW) Reel of 2000 TL317CPWR T317 TO-226 / TO-92 (LP) Bulk of 1000 TL317LP TL317 −20 °C to 125°C SOP (PS) Tube of 80 TL317PS T317 −20 C to 125 C SOP (PS) Reel of 2000 TL317PSR T317 † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |