| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC1G19DRLRG4 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1G19DRLRG4 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 19 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-May-2010 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/ Ball Finish MSL Peak Temp (3) Samples (Requires Login) SN74LVC1G19DBVR ACTIVE SOT-23 DBV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC1G19DBVRE4 ACTIVE SOT-23 DBV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC1G19DBVRG4 ACTIVE SOT-23 DBV 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC1G19DBVT PREVIEW SOT-23 DBV 6 250 TBD Call TI Call TI Samples Not Available SN74LVC1G19DCKR ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC1G19DCKRE4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC1G19DCKRG4 ACTIVE SC70 DCK 6 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC1G19DCKT PREVIEW SC70 DCK 6 250 TBD Call TI Call TI Samples Not Available SN74LVC1G19DRLR ACTIVE SOT DRL 6 4000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC1G19DRLRG4 ACTIVE SOT DRL 6 4000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC1G19DRYR ACTIVE SON DRY 6 5000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC1G19DRYRG4 ACTIVE SON DRY 6 5000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM Request Free Samples SN74LVC1G19YZPR ACTIVE DSBGA YZP 6 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM Request Free Samples (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |