| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC2T45DCUTE4 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2T45DCUTE4 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 25 page ![]() www.ti.com Power-Up Considerations SN74LVC2T45 DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES516I – DECEMBER 2003 – REVISED MARCH 2007 A proper power-up sequence always should be followed to avoid excessive supply current, bus contention, oscillations, or other anomalies. To guard against such power-up problems, take the following precautions: 1. Connect ground before any supply voltage is applied. 2. Power up VCCA. 3. VCCB can be ramped up along with or after VCCA. Table 1. Typical Total Static Power Consumption (ICCA + ICCB) VCCA VCCB UNIT 0 V 1.8 V 2.5 V 3.3 V 5 V 0 V 0 <1 <1 <1 <1 1.8 V <1 <2 <2 <2 2 2.5 V <1 <2 <2 <2 <2 µA 3.3 V <1 <2 <2 <2 <2 5 V <1 2 <2 <2 <2 9 Submit Documentation Feedback |