công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R12012 bảng dữ liệu(PDF) 2 Page - Recom International Power

tên linh kiện R12012
Giải thích chi tiết về linh kiện  EUROLINE - DC/DC - CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

R12012 bảng dữ liệu(HTML) 2 Page - Recom International Power

  R12012 Datasheet HTML 1Page - Recom International Power R12012 Datasheet HTML 2Page - Recom International Power R12012 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU 6
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxN and RxxO Series, 1 Watt, DIP8/SIP4, 1kVDC Isolation (Single Output)
Input Voltage Range V
IN (continuous operation)
5V input types
4.5VDC min./ 5.5VDC max.
12V input types
10.8VDC min./ 13.2VDC max.
Reflected Ripple Current (depending on the type)
26 mA p-p min. to 48 mA p-p max.
Voltage Set Point Accuracy
See Tolerance Envelope
Line Regulation
1.0% / 1.2% of V
IN
Load Voltage Regulation (10% load to 100% full load)
5V output types
14% min. / 15% max.
9V output types
9% min. / 10% max.
12V output types
7.5% min. / 9.5% max.
15V output types
7% min. / 8.5% max.
Ripple & Noise (20MHz band limited), (depending on the type)
40mVp-p min. / 110mVp-p max.
Isolation Voltage (flash tested for 1 second)
1000VDC min.
Test Voltage (50Hz, 10 seconds)
1000 Vpk min.
Resistance (Viso = 500V)
10 GΩ typ.
Switching Frequency at Full Load
V
IN 5V input types
110kHz typ.
V
IN 12V input types
145kHz typ.
Package Weight
SIP types
1.30 g
DIP types
1.48 g
Operating Temperature Range (all output types)
–40°C min. to +85°C max. (see graph)
Storage Temperature Range
–50°C min. +130°C max.
Case Temperature Above Ambient (depending on the type)
5V output types
+41°C max.
all other output types
+32°C max.
MTTF 1) (depending on the type)
–40°C
302kHrs min. / 2938kHrs max.
+25°C
252kHrs min. / 2414kHrs max.
+85°C
212kHrs min. / 1961kHrs max.
1). Calculated using MIL-HDBK-217F with nominal input voltage at full load.
Please contact us, if you need exact parameters for the converter you have selected.
Electrical Specifications (measured at TA = 25°C, at nominal input voltage and rated output current unless otherwise specified)
Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
R12N/Oxx
Temperature Derating Graph
Tolerance Envelope
R05N/Oxx
Total Output Current (%)
40
60
80
100
20
0505
0515
40
60
80
20
0
100
0509, 0512
Total Output Current (%)
40
60
80
100
20
1205
1212
40
60
80
20
0
100
1209, 1215
1212
Total Output Current (%)
0
+4
+8
+12
–4
1205
1215
40
60
80
20
0
100
1209
–8
0512
Total Output Current (%)
–5
0
+10
+15
–10
0505
40
60
80
20
0
100
0515
Ambient Temperature ˚C
0.5
100
50
0
-40
85 120
150
0
2.0
1.5
1.0
Safe
Operating Area
+10%
+5%
V Nom.
+2,5%
– 2,5%
10%
50%
100%
Output Load Current (%)
– 7,5%
Typical Load L
ine



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com