công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8331IPWT bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện ADS8331IPWT
Giải thích chi tiết về linh kiện  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IPWT bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button ADS8331IPWT Datasheet HTML 20Page - Texas Instruments ADS8331IPWT Datasheet HTML 21Page - Texas Instruments ADS8331IPWT Datasheet HTML 22Page - Texas Instruments ADS8331IPWT Datasheet HTML 23Page - Texas Instruments ADS8331IPWT Datasheet HTML 24Page - Texas Instruments ADS8331IPWT Datasheet HTML 25Page - Texas Instruments ADS8331IPWT Datasheet HTML 26Page - Texas Instruments ADS8331IPWT Datasheet HTML 27Page - Texas Instruments ADS8331IPWT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
CCLK
CONVST_OUT
(internal)
NAP_ACTIVE
(internal)
EOC
(activelow)
1
2
3
19
20
21
37
38
42
43
ADS8331
ADS8332
SBAS363 – DECEMBER 2009
www.ti.com
The ADS8331/32 can support sampling rates of up to 500kSPS in Auto-Trigger mode. This rate is selectable by
programming the CFR_D8 bit in the Configuration register. In 500kSPS mode, consecutive conversion start
pulses to the analog core are generated 21 conversion clock cycles apart. In 250kSPS mode, consecutive
conversion-start pulses are 42 conversion clock cycles apart. The Nap and Deep Power-Down modes are
available with either sampling rate; however, Auto-Nap mode is available only with a sampling rate of 250kSPS
when Auto-Trigger mode is enabled. The analog core cannot be powered down when the Auto-Nap mode
sampling rate is 500kSPS because at that rate, there is no period of time when the analog core is not actively
being used.
Figure 42 shows the timing diagram for conversion start and auto-nap power-down signals for a 250kSPS
sampling rate in Auto-Trigger mode. For a 16-bit ADC output word, consecutive new conversion start pulses are
generated 2 × (18 + 3) cycles apart. NAP_ACTIVE (the signal to power down the analog core in Nap and
Auto-Nap modes) goes low six (3 + 3) conversion clock cycles before the conversion start falling edge, thus
powering up the analog core. It takes three conversion clock cycles after NAP_ACTIVE goes low to power up the
analog core. The analog core is powered down a cycle after the end of a conversion. For a 16-bit ADC with a
500kSPS sampling rate and three conversion clock cycle sampling, consecutive conversion start pulses are
generated 21 conversion clock cycles apart.
Figure 42. Timing for Conversion Start and Auto-Nap Power-Down Signals in Auto-Trigger Mode
(250kSPS Sampling and Three Conversion Clock Cycles for Acquisition)
Timing diagrams for reading from the ADS8331/32 with various trigger and power-down modes are shown in
Figure 43 through Figure 45. The total (acquisition + conversion) times for the different trigger and power-down
modes are listed in Table 3.
Table 3. Total Acquisition + Conversion Times
MODE
ACQUISITION + CONVERSION TIME
Auto-Trigger at 500kSPS
= 21 CCLK
Manual-Trigger
≥ 21 CCLK
Manual-Trigger with Deep Power-Down
≥ 4 SCLK + 1μs + 3 CCLK + 18 CCLK + 16 SCLK + 2μs
Manual-Trigger with Nap Power-Down
≥ 4 SCLK + 3 CCLK + 3 CCLK + 18 CCLK + 16 SCLK + 200ns
≥ 4 SCLK + 3 CCLK + 3 CCLK + 18 CCLK + 1 CCLK + 200ns (using wakeup to resume)
Manual-Trigger with Auto-Nap Power-Down
≥ 3 CCLK + 3 CCLK + 18 CCLK + 1 CCLK + 200ns (using CONVST to resume)
24
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com