công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8331_1007 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện ADS8331_1007
Giải thích chi tiết về linh kiện  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8331_1007 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS8331_1007 Datasheet HTML 1Page - Texas Instruments ADS8331_1007 Datasheet HTML 2Page - Texas Instruments ADS8331_1007 Datasheet HTML 3Page - Texas Instruments ADS8331_1007 Datasheet HTML 4Page - Texas Instruments ADS8331_1007 Datasheet HTML 5Page - Texas Instruments ADS8331_1007 Datasheet HTML 6Page - Texas Instruments ADS8331_1007 Datasheet HTML 7Page - Texas Instruments ADS8331_1007 Datasheet HTML 8Page - Texas Instruments ADS8331_1007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
ADS8331
ADS8332
SBAS363 – DECEMBER 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
SPECIFIED
LINEARITY
LINEARITY
PACKAGE
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE-LEAD
DESIGNATOR
RANGE
INFORMATION
MEDIA, QUANTITY
ADS8331IPWT
Tube, 90
TSSOP-24
(2)
PW
–40°C to +85°C
ADS8331IPWR
Tape and reel, 2000
ADS8331I
±3
–1/+2
ADS8331IRGET
Small tape and reel, 250
4X4 QFN-24
RGE
–40°C to +85°C
ADS8331IRGER
Tape and reel, 3000
ADS8331IBPWT
Tube 90
TSSOP-24
(2)
PW
–40°C to +85°C
ADS8331IBPWR
Tape and reel, 2000
ADS8331IB
±2
–1/+1.5
ADS8331IBRGET
Small tape and reel, 250
4X4 QFN-24
RGE
–40°C to +85°C
ADS8331IBRGER
Tape and reel, 3000
ADS8332IPWT
Tube, 90
TSSOP-24
(2)
PW
–40°C to +85°C
ADS8332IPWR
Tape and reel, 2000
ADS8332I
±3
–1/+2
ADS8332IRGET
Small tape and reel, 250
4X4 QFN-24
RGE
–40°C to +85°C
ADS8332IRGER
Tape and reel, 3000
ADS8332IBPWT
Tube, 90
TSSOP-24
(2)
PW
–40°C to +85°C
ADS8332IBPWR
Tape and reel, 2000
ADS8332IB
±2
–1/+1.5
ADS8332IBRGET
Small tape and reel, 250
4X4 QFN-24
RGE
–40°C to +85°C
ADS8332IBRGER
Tape and reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
TSSOP (PW) package available Q1, 2010.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range, unless otherwise noted.
(1)
ADS8331, ADS8332
UNIT
INX, MUXOUT, ADCIN, REF+ to AGND
–0.3 to VA + 0.3
V
Voltage
COM, REF– to AGND
–0.3 to 0.3
V
VA to AGND
–0.3 to 7
V
Voltage range
VBD to BDGND
–0.3 to 7
V
AGND to BDGND
–0.3 to 0.3
V
Digital input voltage to BDGND
–0.3 to VBD + 0.3
V
Digital output voltage to BDGND
–0.3 to VBD + 0.3
V
Operating free-air temperature range, (TA)
–40 to +85
°C
Storage temperature range, (TSTG)
–65 to +150
°C
Junction temperature (TJ Max)
+150
°C
Power dissipation
(TJMax – TA)/θJA
W
4x4 QFN-24
Package
θJA thermal impedance
47
°C/W
Power dissipation
(TJMax – TA)/θJA
W
TSSOP-24
Package
θJA thermal impedance
47
°C/W
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com