| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS58C48IPFP bảng dữ liệu(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS58C48IPFP bảng dữ liệu(HTML) 53 Page - Texas Instruments |
|
53 / 70 page ![]() ADS58C48 www.ti.com SLAS689 – MAY 2010 NOTE To use a different SNRBoost 3G filter, it is required to follow all the above steps in the exact order specified. Not following the order can result in incorrect operation of SNRBoost 3G filter. To just turn on and off the filter without changing the filter #, simply follow the steps under Turn On/OFF SNRBoost 3G. Table 10. Complete List of SNRBoost 3G Modes (Fs = Sampling frequency in MSPS) CENTER FREQUENCY SNRBoost BANDWIDTH OF THE OF THE FILTER # BATH-TUB, MHz BATH-TUB, MHz 0 25 x (Fs/200) 15 x (Fs/200) 1 20 x (Fs/200) 30 x (Fs/200) 2 20 x (Fs/200) 35 x (Fs/200) 3 20 x (Fs/200) 42 x (Fs/200) 4 20 x (Fs/200) 50 x (Fs/200) 5 20 x (Fs/200) 58 x (Fs/200) 6 20 x (Fs/200) 65 x (Fs/200) 7 20 x (Fs/200) 75 x (Fs/200) 8 20 x (Fs/200) 85 x (Fs/200) 9 25 x (Fs/200) 87.5 x (Fs/200) 10 25 x (Fs/200) 15 x (Fs/200) 11 20 x (Fs/200) 25 x (Fs/200) 12 20 x (Fs/200) 35 x (Fs/200) 13 20 x (Fs/200) 42 x (Fs/200) 14 20 x (Fs/200) 50 x (Fs/200) 15 20 x (Fs/200) 58 x (Fs/200) 16 20 x (Fs/200) 65 x (Fs/200) 17 20 x (Fs/200) 75 x (Fs/200) 18 25 x (Fs/200) 82.5 x (Fs/200) 19 25 x (Fs/200) 87.5 x (Fs/200) 20 25 x (Fs/200) 15 x (Fs/200) 21 30 x (Fs/200) 30 x (Fs/200) 22 30 x (Fs/200) 35 x (Fs/200) 23 30 x (Fs/200) 45 x (Fs/200) 24 30 x (Fs/200) 55 x (Fs/200) 25 30 x (Fs/200) 65 x (Fs/200) 26 30 x (Fs/200) 70 x (Fs/200) 27 30 x (Fs/200) 80 x (Fs/200) 28 30 x (Fs/200) 85 x (Fs/200) 29 25 x (Fs/200) 87.5 x (Fs/200) 30 40 x (Fs/184) 46 x (Fs/184) 31 40 x (Fs/184) 72 x (Fs/184) 32 40 x (Fs/184) 20 x (Fs/184) 33 40 x (Fs/184) 40 x (Fs/184) 34 40 x (Fs/184) 39.5 x (Fs/184) Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 53 Product Folder Link(s) :ADS58C48 |