| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MR5000.MP3 bảng dữ liệu(PDF) 3 Page - QT Optoelectronics |
|
|
|||||||||||||||||||||||||||||
MR5000.MP3 bảng dữ liệu(HTML) 3 Page - QT Optoelectronics |
|
3 / 6 page ![]() PCB MOUNT LED INDICATORS Page 3 of 6 @ DIM A PKG. PART NUMBER COLOR VF mcd mA in. (mm) FIG. MV60538.MP5 RED 1.7 2.0 20 .125 (3.18) 5 MV63538.MP5 YLW 2.1 18.0 20 .125 (3.18) 5 MV64538.MP5 GRN 2.2 26.0 20 .125 (3.18) 5 MV67538.MP5 H-E RED 2.1 14.0 20 .125 (3.18) 5 MV60539.MP5 RED 1.7 3.2 20 .180 (4.57) 5 MV63539.MP5 YLW 2.1 20.0 20 .180 (4.57) 5 MV64539.MP5 GRN 2.2 28.0 20 .180 (4.57) 5 MV67539.MP5 H-E RED 2.1 15.0 20 .180 (4.57) 5 LOW CURRENT (2mA) HLMP-47009.MP5 H-E RED 1.8 2.0 2 .180 (4.57) 5 HLMP-47199.MP5 YLW 1.9 2.0 2 .180 (4.57) 5 HLMP-47409.MP5 GRN 1.9 3.0 2 .180 (4.57) 5 AIGaAs RED HLMP-D1019.MP5 AIGaAs RED 1.8 70.0 20 .180 (4.57) 5 HLMP-D1509.MP5 AIGaAs RED 1.6 3.0 1 .180 (4.57) 5 ULTRA BRIGHT MV33509.MP5 YLW* 2.2 150.0 20 .180 (4.57) 5 MV34509.MP5 GRN* 2.2 150.0 20 .180 (4.57) 5 MV37509.MP5 H-E RED* 2.2 150.0 20 .180 (4.57) 5 INTEGRAL RESISTOR MR30509.MP5 RED 5.0 2.0 13 .180 (4.57) 5 MR30519.MP5 RED 12.0 2.0 13 .180 (4.57) 5 MR33509.MP5 YLW 5.0 4.0 10 .180 (4.57) 5 MR33519.MP5 YLW 12.0 4.0 13 .180 (4.57) 5 MR34509.MP5 GRN 5.0 4.0 12 .180 (4.57) 5 MR34519.MP5 GRN 12.0 4.0 13 .180 (4.57) 5 MR37509.MP5 H-E RED 5.0 4.0 10 .180 (4.57) 5 MR37519.MP5 H-E RED 12.0 4.0 13 .180 (4.57) 5 BICOLOR** MV54919.MP5 RED/GRN 2.3 6.0 20 .180 (4.57) 5 T-1 3/4 (5mm) MAX .245 (6.22) CATHODE** MAX .245 (6.22) .190 DIA (4.83) .242 (6.15) .222 (5.64) DIM A .020 (.51) .145 MIN (3.68) .100 (2.54) .100 (2.54) PACKAGE DIMENSIONS FIG. - 5 + + + .561 (14.25) .537 (13.64) .100 (2.54) .260 (6.6) .100 (2.54) .100 (2.54) .022 (.8) .006 (.4) .183 (4.65) .167 (4.25) @ PKG. PART NUMBER COLOR VF mcd mA FIG. QLA764B-3H B. RED 2.1 1.4 10 4D QLA764B-3I H-E RED 2.0 6.0 10 4D QLA764B-3G GRN 2.1 6.0 10 4D QLA764B-3Y YEL 2.0 6.0 10 4D QLA764B-HGY B. RED/GRN/YEL 2.1 1.4 10 4D QLA764B-YGH YEL/GRN/B. RED 2.1 1.4 10 4D T-1 (3mm) trilevel FIG. - 4D GENERAL NOTES: 1. All dimensions are in inches (mm). 2. Tolerance is ± .015 (± .38) unless otherwise specified. 3. All electrical values are typical. 4. All parts have colored diffused lens except those with an asterik (*), which denotes colored clear lens. 5. A double asterik (**) denotes that the cathode, as indicated, is the red cathode for the RED/GRN bicolor LED. 6. Custom color combinations are available. First color indicated is on top, the second is in the middle, and the third is on the bottom. For example: QLA764B-YGH has YEL(top)/GRN(middle)/B. RED(bottom). |