công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FI-RE41S-VF-R1300 bảng dữ liệu(PDF) 14 Page - Japan Aviation Electronics Industry, Ltd.

tên linh kiện FI-RE41S-VF-R1300
Giải thích chi tiết về linh kiện  Connector for Internal Serial Transmission
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JAE [Japan Aviation Electronics Industry, Ltd.]
Trang chủ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-RE41S-VF-R1300 bảng dữ liệu(HTML) 14 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FI-RE41S-VF-R1300 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. FI-RE41S-VF-R1300 Datasheet HTML 15Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MB-0153-2
14/15
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
FI-RE51S-VF
FI-RE51S-HF
FI-RE41S-VF
FI-RE41S-HF
FI-RE31S-VF
FI-RE31S-HF
FI-RE21S-VF
FI-RE21S-HF
Part Number
FI-RE31S-VF-R1300
Straight
FI-RE31S-HF-R1500
Right-angle
Shell
31
FI-RE41S-VF-R1300
Straight
FI-RE41S-HF-R1500
Right-angle
Shell
41
FI-RE21S-HF-R1500
Right-angle
Shell
FI-RE21S-VF-R1300
Straight
51
FI-RE51S-HF-R1500
Right-angle
Shell
Straight
Mounting
Direction
FI-RE51S-VF-R1300
21
Reel
Part Number
Type
Number of
Contacts
Lineup
Receptacle
FI-RE31HL
Yes
Shell
31
FI-RE41HL
Yes
Shell
41
FI-RE21HL
Yes
Shell
51
FI-RE51HL
Yes
Shell
Mechanical
Lock
21
Part Number
Type
Number
of
Contacts
Plug, Crimp Type
FI-RE51CL
FI-RE41CL
FI-RE31CL
FI-RE21CL
Part Number
FI-RE31CL-SH2-3000
31
FI-RE41CL-SH2-3000
41
FI-RE21CL-SH2-3000
Yes
Shell
21
FI-RE51CL-SH2-3000
51
Mechanical
Lock
Cover Shell
Part Number
Type
Number
of
Contacts
Plug, Solder Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com