| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MR5010.MP2 bảng dữ liệu(PDF) 2 Page - QT Optoelectronics |
|
|
|||||||||||||||||||||||||||||
MR5010.MP2 bảng dữ liệu(HTML) 2 Page - QT Optoelectronics |
|
2 / 6 page ![]() PCB MOUNT LED INDICATORS Page 2 of 6 PACKAGE DIMENSIONS @ PKG. PART NUMBER COLOR VF mcd mA FIG. MV5064.MP4A RED 1.6 1.5 20 4A MV5364.MP4A YELLOW 2.1 2.0 10 4A MV5464.MP4A GREEN 2.2 5.0 20 4A MV5764.MP4A H-E RED 2.0 2.0 10 4A MV5064.MP4B RED 1.6 1.5 20 4B MV5364.MP4B YELLOW 2.1 2.0 10 4B MV5464.MP4B GREEN 2.2 5.0 20 4B MV5764.MP4B H-E RED 2.0 2.0 10 4B LOW CURRENT (2mA) HLMP-1700.MP4A H-E RED 1.8 2.0 2 4A HLMP-1719.MP4A YELLOW 1.9 2.0 2 4A HLMP-1790.MP4A GREEN 1.9 2.0 2 4A HLMP-1700.MP4B H-E RED 1.8 2.0 2 4B HLMP-1719.MP4B YELLOW 1.9 2.0 2 4B HLMP-1790.MP4B GREEN 1.9 2.0 2 4B AIGaAs RED HLMP-K101.MP4A AIGaAs RED 1.8 45.0 20 4A HLMP-K105.MP4A AIGaAs RED* 1.8 65.0 20 4A HLMP-K150.MP4A AIGaAs RED 1.6 2.0 1 4A HLMP-K155.MP4A AIGaAs RED* 1.6 3.0 1 4A HLMP-K101.MP4B AIGaAs RED 1.8 45.0 20 4B HLMP-K105.MP4B AIGaAs RED* 1.8 65.0 20 4B HLMP-K150.MP4B AIGaAs RED 1.6 2.0 1 4B HLMP-K155.MP4B AIGaAs RED* 1.6 3.0 1 4B INTEGRAL RESISTOR MR5060.MP4A RED 5.0 1.5 13 4A MR5360.MP4A YELLOW 5.0 4.0 10 4A MR5460.MP4A GREEN 5.0 4.0 12 4A MR5760.MP4A H-E RED 5.0 4.0 10 4A MR5060.MP4B RED 5.0 1.5 13 4B MR5360.MP4B YELLOW 5.0 4.0 10 4B MR5460.MP4B GREEN 5.0 4.0 12 4B MR5760.MP4B H-E RED 5.0 4.0 10 4B T-1 (3mm) @ PKG. PART NUMBER COLOR VF mcd mA FIG. QLA694B-2H B. RED/B. RED 2.1 1.4 10 4C QLA694B-2I H-E RED/H-E RED 2.0 6.0 10 4C QLA694B-2G GRN/GRN 2.1 6.0 10 4C QLA694B-2Y YEL/YEL 2.0 6.0 10 4C QLA694B-HG B. RED/GRN 2.1 1.4 10 4C QLA694B-GY GRN/YEL 2.1 6.0 10 4C T-1 (3mm) bilevel + MAX .180 (4.57) .200 (5.08) .400 MIN (10.16) .100 TYP (2.54) .025 (.63) .015 (.37) .120 DIA (3.05) .125 (3.18) .250 (6.35) .290 MAX (7.37) .185 REF (4.70) .025 (.63) .015 (.37) CATHODE + MAX .180 (4.57) .200 (5.08) .400 MIN (10.16) .100 TYP (2.54) .025 (.63) .015 (.37) .120 DIA (3.05) .080 (2.03) .250 (6.35) .290 MAX (7.37) .185 REF (4.70) CATHODE .025 (.63) .015 (.37) .100 (2.54) .100 (2.54) .169 (4.30) + + .200 (5.08) .354 (9.0) .100 (2.54) FIG. - 4A FIG. - 4C FIG. - 4B GENERAL NOTES: 1. All dimensions are in inches (mm). 2. Tolerance is ± .015 (± .38) unless otherwise specified. 3. All electrical values are typical. 4. All parts have colored diffused lens except those with an asterik (*), which denotes colored clear lens. 5. Custom color combinations are available. First color indicated is on top, and the second color is on the bottom. For example: QLA694B-GY has GRN(top)/YEL(bottom). |