công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATSAM3U bảng dữ liệu(PDF) 53 Page - ATMEL Corporation

tên linh kiện ATSAM3U
Giải thích chi tiết về linh kiện  AT91ARM Cortex M3-based Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U bảng dữ liệu(HTML) 53 Page - ATMEL Corporation

Back Button ATSAM3U_10 Datasheet HTML 49Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 50Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 51Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 52Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 53Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 54Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 55Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 56Page - ATMEL Corporation ATSAM3U_10 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
53
6430CS–ATARM–09-Apr-10
SAM3U Series
• Selectable single ended or differential input voltage
• Programmable gain for maximum full scale input range
• External voltage reference for better accuracy on low voltage inputs
• Individual enable and disable of each channel
• Multiple trigger sources
– Hardware or software trigger
– External trigger pin
– Timer Counter 0 to 2 outputs TIOA0 to TIOA2 trigger
– PWM trigger
• Sleep Mode and conversion sequencer
– Automatic wakeup on trigger and back to sleep mode after conversions of all
enabled channels
12.10.2
10-bit Low Power ADC
• 8-channel ADC
• 10-bit 384 Ksamples/sec. or 8-bit 533 Ksamples/sec. Successive Approximation Register
ADC
• -2/+2 LSB Integral Non Linearity, -1/+1 LSB Differential Non Linearity
• Integrated 8-to-1 multiplexer
• External voltage reference for better accuracy on low voltage inputs
• Individual enable and disable of each channel
• Multiple trigger sources
– Hardware or software trigger
– External trigger pin
– Timer Counter 0 to 2 outputs TIOA0 to TIOA2 trigger
– PWM trigger
• Sleep Mode and conversion sequencer
– Automatic wakeup on trigger and back to sleep mode after conversions of all
enabled channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com