| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6502SFAADG6F bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6502SFAADG6F bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 29 page ![]() Description STM6502, STM6503, STM6504, STM6505 6/29 Doc ID 16101 Rev 5 The STM65xx devices have active-low (optionally active-high) open-drain reset (RST) output(s) with or without internal pull-up resistor or push-pull as output options, with factory- programmed or capacitor-adjustable or push-buttons defined output reset pulse duration, with or without power-on reset function. Some devices also have an undervoltage monitoring feature: the reset output is also asserted when the monitored supply voltage VCC drops below the specified threshold. The reset output remains asserted for the reset timeout period (tREC) after the monitored supply voltage goes above the specified threshold. Figure 1. Logic diagrams Figure 2. Pin connections AM00378 VCC SR0 RST VSS STM6502 SR1 SR0 SR1 SRC VCC RST VSS STM6503 VCC RST VSS STM6504 SR0 SRE VCC BLD RST VSS STM6505 SR1 SR0 SRC VBAT TSR TSR AM00379 SRC NC NC 1 2 3 STM 6502 4 8 7 6 5 RST VSS VCC SR1 SR0 TSR NC NC 1 2 3 STM 6503 4 8 7 6 5 RST VSS VCC SR0 SR1 TSR NC NC 1 2 3 STM 6504 4 8 7 6 5 RST VSS VCC SRE SR0 BLD SRC VBAT 1 2 3 STM 6505 4 8 7 6 5 RST VSS VCC SR1 SR0 |