công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX809STR bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MAX809STR
Giải thích chi tiết về linh kiện  Very Low Supply Current 3-Pin Microprocessor Reset Monitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX809STR bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MAX809STR Datasheet HTML 1Page - ON Semiconductor MAX809STR Datasheet HTML 2Page - ON Semiconductor MAX809STR Datasheet HTML 3Page - ON Semiconductor MAX809STR Datasheet HTML 4Page - ON Semiconductor MAX809STR Datasheet HTML 5Page - ON Semiconductor MAX809STR Datasheet HTML 6Page - ON Semiconductor MAX809STR Datasheet HTML 7Page - ON Semiconductor MAX809STR Datasheet HTML 8Page - ON Semiconductor MAX809STR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MAX809 Series, MAX810 Series
http://onsemi.com
3
PIN DESCRIPTION
Pin No.
Symbol
Description
1
GND
Ground
2
RESET (MAX809)
RESET output remains low while VCC is below the reset voltage threshold, and for a reset timeout
period after VCC rises above reset threshold
2
RESET (MAX810)
RESET output remains high while VCC is below the reset voltage threshold, and for a reset timeout
period after VCC rises above reset threshold
3
VCC
Supply Voltage (Typ)
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (VCC to GND)
VCC
−0.3 to 6.0
V
RESET Output Voltage (CMOS)
−0.3 to (VCC + 0.3)
V
Input Current, VCC
20
mA
Output Current, RESET
20
mA
dV/dt (VCC)
100
V/msec
Thermal Resistance, Junction−to−Air (Note 1)
SOT−23
SC−70
RqJA
301
314
°C/W
Operating Junction Temperature Range
TJ
−40 to +105
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Lead Temperature (Soldering, 10 Seconds)
Tsol
+260
°C
ESD Protection
Human Body Model (HBM): Following Specification JESD22−A114
Machine Model (MM): Following Specification JESD22−A115
2000
200
V
Latchup Current Maximum Rating: Following Specification JESD78 Class II
Positive
Negative
ILatchup
200
200
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This based on a 35x35x1.6mm FR4 PCB with 10mm2 of 1 oz copper traces under natural convention conditions and a single component
characterization.
2. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max) * TA
RqJA
with TJ(max) = 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com