công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM392 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LM392
Giải thích chi tiết về linh kiện  Low Power Operational Amplifier and Comparator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM392 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LM392 Datasheet HTML 1Page - ON Semiconductor LM392 Datasheet HTML 2Page - ON Semiconductor LM392 Datasheet HTML 3Page - ON Semiconductor LM392 Datasheet HTML 4Page - ON Semiconductor LM392 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LM392
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VS
32 or $16
V
Differential Input Voltage
VIDR
32
V
Input Voltage
VI
0.3 to 32
V
Output Short − Circuit to Ground
tSO
Continuous
Thermal Impedance
qJA
160
°C/W
Storage Temperature Range
Tstg
−65 to 150
°C
Lead Temperature (Soldering, 10 Seconds)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5