| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6510YCACDG6F bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6510YCACDG6F bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 26 page ![]() DC and AC parameters STM6510 14/26 Doc ID 16788 Rev 2 4 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the Table 6: DC and AC characteristics that follow, are derived from tests performed under the Measurement Conditions summarized in Table 5: Operating and measurement conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Figure 11. AC testing input/output waveforms Table 5. Operating and measurement conditions Parameter Value Unit VCC supply voltage 1.0 to 5.5 V Ambient operating temperature (TA) –40 to +85 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8 VCC V Input and output timing ref. voltages 0.3 to 0.7 VCC V 0.8 VCC 0.2 VCC 0.7 VCC 0.3 VCC AM00478 |