công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC912XDP512F0CALR bảng dữ liệu(PDF) 682 Page - Freescale Semiconductor, Inc

tên linh kiện PC912XDP512F0CALR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CALR bảng dữ liệu(HTML) 682 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CALR Datasheet HTML 678Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 679Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 680Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 681Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 682Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 683Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 684Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 685Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 686Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 682 / 1348 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.21
682
Freescale Semiconductor
18.4.4
Chip Bus Control
The MMC controls the address buses and the data buses that interface the S12X masters (CPU, BDMand
XGATE) with the rest of the system (master buses). In addition the MMC handles all CPU read data bus
swapping operations. All internal and external resources are connected to specific target buses (see
Figure 18-261).
Figure 18-26. MMC Block Diagram
1. Doted blocks and lines are optional. Please refer to the Device User Guide for their availlibilities.
CPU
BDM
MMC “Crossbar Switch”
XGATE
S12X1
S12X0
XGATE
XBUS3
XBUS0
XBUS1
XRAM
XBUS2
DBG
FLEXRAY
S12X2
IPBI
FLASH
EETX
EBI
XSRAM
BDM
FTX
resources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com