| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC912XDP512F0CFVR bảng dữ liệu(PDF) 1098 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR bảng dữ liệu(HTML) 1098 Page - Freescale Semiconductor, Inc |
|
1098 / 1348 page ![]() Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2) MC9S12XDP512 Data Sheet, Rev. 2.21 1100 Freescale Semiconductor Figure 26-22. Example Sector Erase Abort Command Flow Write: Dummy EEPROM Address Write: ECMD register Sector Erase Abort Cmd 0x47 Write: ESTAT register Clear CBEIF 0x80 1. 2. 3. Read: ESTAT register and Dummy Data Bit Polling for Command Completion Check yes NOTE: command write sequence aborted by writing 0x00 to ESTAT register. NOTE: command write sequence aborted by writing 0x00 to ESTAT register. CCIF Set? Execute Sector Erase/Modify Command Flow no Bit Polling for Command Completion Check Read: ESTAT register yes CCIF Set? no yes Abort Needed? Erase Clear ACCERR 0x10 Write: ESTAT register yes no Access Error Check ACCERR Set? Sector Erase or Modify Sector Erase or Modify no EXIT EXIT Sector Erase Completed EXIT Completed Aborted |