| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC912XDP512F0CFVR bảng dữ liệu(PDF) 978 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR bảng dữ liệu(HTML) 978 Page - Freescale Semiconductor, Inc |
|
978 / 1348 page ![]() Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2) MC9S12XDP512 Data Sheet, Rev. 2.21 980 Freescale Semiconductor M PM7 TXCAN4 O MSCAN4 transmit pin GPIO GPIO I/O General-purpose I/O PM6 RXCAN4 I MSCAN4 receive pin GPIO I/O General-purpose I/O PM5 TXCAN0 O MSCAN0 transmit pin TXCAN4 O MSCAN4 transmit pin SCK0 I/O Serial Peripheral Interface 0 serial clock pin If CAN0 is routed to PM[3:2] the SPI0 can still be used in bidirectional master mode. GPIO I/O General-purpose I/O PM4 RXCAN0 I MSCAN0 receive pin RXCAN4 I MSCAN4 receive pin MOSI0 I/O Serial Peripheral Interface 0 master out/slave in pin If CAN0 is routed to PM[3:2] the SPI0 can still be used in bidirectional master mode. GPIO I/O General-purpose I/O PM3 TXCAN0 O MSCAN0 transmit pin SS0 I/O Serial Peripheral Interface 0 slave select output in master mode, input for slave mode or master mode. GPIO I/O General-purpose I/O PM2 RXCAN0 I MSCAN0 receive pin MISO0 I/O Serial Peripheral Interface 0 master in/slave out pin GPIO I/O General-purpose I/O PM1 TXCAN0 O MSCAN0 transmit pin GPIO I/O General-purpose I/O PM0 RXCAN0 I MSCAN0 receive pin GPIO I/O General-purpose I/O Table 24-1. Pin Functions and Priorities (Sheet 3 of 5) Port Pin Name Pin Function and Priority I/O Description Pin Function after Reset |