| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC912XDP512F0CFVR bảng dữ liệu(PDF) 813 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR bảng dữ liệu(HTML) 813 Page - Freescale Semiconductor, Inc |
|
813 / 1348 page ![]() Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 815 H PH7 SS2 I/O Serial Peripheral Interface 2 slave select output in master mode, input for slave mode or master mode GPIO TXD5 O Serial Communication Interface 5 transmit pin GPIO/KWH7 I/O General-purpose I/O with interrupt PH6 SCK2 I/O Serial Peripheral Interface 2 serial clock pin RXD5 I Serial Communication Interface 5 receive pin GPIO/KWH6 I/O General-purpose I/O with interrupt PH5 MOSI2 I/O Serial Peripheral Interface 2 master out/slave in pin TXD4 O Serial Communication Interface 4 transmit pin GPIO/KWH5 I/O General-purpose I/O with interrupt PH4 MISO2 I/O Serial Peripheral Interface 2 master in/slave out pin RXD4 I Serial Communication Interface 4 receive pin GPIO/KWH4 I/O General-purpose I/O with interrupt PH3 SS1 I/O Serial Peripheral Interface 1 slave select output in master mode, input for slave mode or master mode. GPIO/KWH3 I/O General-purpose I/O with interrupt PH2 SCK1 I/O Serial Peripheral Interface 1 serial clock pin GPIO/KWH2 I/O General-purpose I/O with interrupt PH1 MOSI1 I/O Serial Peripheral Interface 1 master out/slave in pin GPIO/KWH1 I/O General-purpose I/O with interrupt PH0 MISO1 I/O Serial Peripheral Interface 1 master in/slave out pin GPIO/KWH0 I/O General-purpose I/O with interrupt Table 22-1. Pin Functions and Priorities (Sheet 6 of 7) Port Pin Name Pin Function and Priority I/O Description Pin Function after Reset |