| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC912XDP512F0CFVR bảng dữ liệu(PDF) 227 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR bảng dữ liệu(HTML) 227 Page - Freescale Semiconductor, Inc |
|
227 / 1348 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 227 Operation RS1[(o+w):o] ⇒ RD[w:0]; 0 ⇒ RD[15:(w+1)] w = (RS2[7:4]) o = (RS2[3:0]) Extracts w+1 bits from register RS1 starting at position o and writes them right aligned into register RD. The remaining bits in RD will be cleared. If (o+w) > 15 only bits [15:o] get extracted. CCR Effects Code and CPU Cycles BFEXT Bit Field Extract BFEXT NZ V C 0 ∆ 0 ∆ N: Set if bit 15 of the result is set; cleared otherwise. Z: Set if the result is $0000; cleared otherwise. V: 0; cleared. C: Not affected. Source Form Address Mode Machine Code Cycles BFEXT RD, RS1, RS2 TRI 0 1 1 0 0 RD RS1 RS2 1 1 P W4 O4 15 0 2 5 W4=3, O4=2 15 0 3 Bit Field Extract RS2 RS1 RD 0 15 0 3 74 |