| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATmega325 bảng dữ liệu(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega325 bảng dữ liệu(HTML) 3 Page - ATMEL Corporation |
|
3 / 29 page ![]() 3 2570L–AVR–08/07 ATmega325/3250/645/6450 Figure 1-2. Pinout ATmega325/645 Note: The large center pad underneath the QFN/MLF packages is made of metal and internally con- nected to GND. It should be soldered or glued to the board to ensure good mechanical stability. If the center pad is left unconnected, the package might loosen from the board. 2. Disclaimer Typical values contained in this datasheet are based on simulations and characterization of other AVR microcontrollers manufactured on the same process technology. Min and Max values will be available after the device is characterized. 3. Overview The ATmega325/3250/645/6450 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega325/3250/645/6450 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed. PC0 (RXD/PCINT0) PE0 (TXD/PCINT1) PE1 (XCK/AIN0/PCINT2) PE2 (AIN1/PCINT3) PE3 (USCK/SCL/PCINT4) PE4 (DI/SDA/PCINT5) PE5 (DO/PCINT6) PE6 (CLKO/PCINT7) PE7 (SCK/PCINT9) PB1 (MOSI/PCINT10) PB2 (MISO/PCINT11) PB3 (OC0A/PCINT12) PB4 (OC1B/PCINT14) PB6 (OC1A/PCINT13) PB5 PC1 PG0 PC2 PC3 PC4 PC5 PC6 PC7 PA7 PG2 PA6 PA5 PA4 PA3 PG1 INDEX CORNER (SS/PCINT8) PB0 2 3 1 4 5 6 7 8 9 10 11 12 13 14 16 15 47 46 48 45 44 43 42 41 40 39 38 37 36 35 33 34 ATmega325/645 DNC |